Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L072XB Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM32L072XB
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072XB Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM32L072XB Datasheet HTML 41Page - STMicroelectronics STM32L072XB Datasheet HTML 42Page - STMicroelectronics STM32L072XB Datasheet HTML 43Page - STMicroelectronics STM32L072XB Datasheet HTML 44Page - STMicroelectronics STM32L072XB Datasheet HTML 45Page - STMicroelectronics STM32L072XB Datasheet HTML 46Page - STMicroelectronics STM32L072XB Datasheet HTML 47Page - STMicroelectronics STM32L072XB Datasheet HTML 48Page - STMicroelectronics STM32L072XB Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 160 page
background image
DS10689 Rev 5
45/160
STM32L072xx
Pin descriptions
58
-
-
-
-
9
E2 C4 16
J2
PC1
I/O FTf
-
LPTIM1_OUT,
EVENTOUT,
TSC_G7_IO2,
LPUART1_TX,
I2C3_SDA
ADC_IN11
-
-
-
-
10 F2 E7 17
J3
PC2
I/O FTf
-
LPTIM1_IN2,
SPI2_MISO/
I2S2_MCK,
TSC_G7_IO3
ADC_IN12
-
-
-
-
11
-
-
18
K2
PC3
I/O FT
-
LPTIM1_ETR,
SPI2_MOSI/I2S2_SD,
TSC_G7_IO4
ADC_IN13
-
4
8
8 12 F1
-
19
J1
VSSA
S
-
-
-
-
-
-
-
-
-
-
20
K1
VREF-
S
-
-
-
-
-
-
-
-
G1 E6 21
L1
VREF+
S
-
-
-
559
9 13 H1 F7 22
M1
VDDA
S
-
-
-
6
6
10 10 14 G2 E5 23
L2
PA0
I/O
TT
a
-
TIM2_CH1,
TSC_G1_IO1,
USART2_CTS,
TIM2_ETR,
USART4_TX,
COMP1_OUT
COMP1_INM,
ADC_IN0,
RTC_TAMP2/
WKUP1
7
7
11 11 15 H2 E4 24
M2
PA1
I/O FT
-
EVENTOUT,
TIM2_CH2,
TSC_G1_IO2,
USART2_RTS/
USART2_DE,
TIM21_ETR,
USART4_RX
COMP1_INP,
ADC_IN1
8
8
12 12 16 F3 F6 25
K3
PA2
I/O FT
-
TIM21_CH1,
TIM2_CH3,
TSC_G1_IO3,
USART2_TX,
LPUART1_TX,
COMP2_OUT
COMP2_INM,
ADC_IN2
Table 16. STM32L072xxx pin definition (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More