| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L072RZ Fiches technique(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072RZ Fiches technique(HTML) 79 Page - STMicroelectronics |
|
79 / 160 page ![]() DS10689 Rev 5 79/160 STM32L072xx Electrical characteristics 122 On-chip peripheral current consumption The current consumption of the on-chip peripherals is given in the following tables. The MCU is placed under the following conditions: • all I/O pins are in input mode with a static value at VDD or VSS (no load) • all peripherals are disabled unless otherwise mentioned • the given value is calculated by measuring the current consumption – with all peripherals clocked OFF – with only one peripheral clocked on Table 40. Peripheral current consumption in Run or Sleep mode(1) Peripheral Typical consumption, VDD = 3.0 V, TA = 25 °C Unit Range 1, VCORE=1.8 V VOS[1:0] = 01 Range 2, VCORE=1.5 V VOS[1:0] = 10 Range 3, VCORE=1.2 V VOS[1:0] = 11 Low-power sleep and run APB1 CRS 2.5 2 2 2 µA/MHz (fHCLK) DAC1/2 4 3.5 3 2.5 I2C1 11 9.5 7.5 9 I2C3 11 9 7 9 LPTIM1 10 8.5 6.5 8 LPUART1 8 6.5 5.5 6 SPI2 9 4.5 3.5 4 USART2 14.5 12 9.5 11 USART4 5 4 3 5 USART5 5 4 3 5 USB 8.5 4.5 4 4.5 TIM2 10.5 8.5 7 9 TIM3 12 10 8 11 TIM6 3.5 3 2.5 2 TIM7 3.5 3 2.5 2 WWDG 3 2 2 2 APB2 ADC1(2) 5.5 5 3.5 4 µA/MHz (fHCLK) SPI1 4 3 3 2.5 USART1 14.5 11.5 9.5 12 TIM21 7.5 6 5 5.5 TIM22 7 6 5 6 FIREWALL 1.5 1 1 0.5 DBGMCU 1.5 1 1 0.5 SYSCFG 2.5 2 2 1.5 |