| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L072RZ Fiches technique(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072RZ Fiches technique(HTML) 74 Page - STMicroelectronics |
|
74 / 160 page ![]() Electrical characteristics STM32L072xx 74/160 DS10689 Rev 5 2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register). Table 35. Current consumption in Low-power run mode Symbol Parameter Condition fHCLK (MHz) Typ Max(1) Unit IDD (LP Run) Supply current in Low-power run mode All peripherals OFF, code executed from RAM, Flash memory switched OFF, VDD from 1.65 to 3.6 V MSI clock = 65 kHz, fHCLK= 32 kHz TA = − 40 to 25°C 0,032 9,45 12 µA TA = 85°C 14 58 TA = 105°C 21 64 TA = 125°C 36,5 160 MSI clock = 65 kHz, fHCLK= 65kHz TA = − 40 to 25°C 0,065 14,5 18 TA = 85°C 19,5 60 TA = 105°C 26 65 TA = 125°C 42 160 MSI clock=131 kHz, fHCLK= 131 kHz TA = − 40 to 25°C 0,131 26,5 30 TA = 55°C 27,5 60 TA = 85°C 31 66 TA = 105°C 37,5 77 TA = 125°C 53,5 170 All peripherals OFF, code executed from Flash memory, VDD from 1.65 V to 3.6 V MSI clock = 65 kHz, fHCLK= 32 kHz TA = − 40 to 25°C 0,032 24,5 34 TA = 85°C 30 82 TA = 105°C 38,5 90 TA = 125°C 58 120 MSI clock = 65 kHz, fHCLK= 65 kHz TA = − 40 to 25°C 0,065 30,5 40 TA = 85°C 36,5 88 TA = 105°C 45 96 TA = 125°C 64,5 120 MSI clock = 131 kHz, fHCLK= 131 kHz TA = − 40 to 25°C 0,131 45 56 TA = 55°C 48 96 TA = 85°C 51 110 TA = 105°C 59,5 120 TA = 125°C 79,5 150 1. Guaranteed by characterization results at 125 °C, unless otherwise specified. |