| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32MP157D Fiches technique(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157D Fiches technique(HTML) 85 Page - STMicroelectronics |
|
85 / 261 page ![]() DS12504 Rev 6 85/261 STM32MP157A/D Pinouts, pin description and alternate functions 121 C11 A11 D16 D15 PC11 I/O FT_ha - TRACED3, DFSDM1_DATIN5, SPI3_MISO/I2S3_SDI, USART3_RX, UART4_RX, QUADSPI_BK2_NCS, SAI4_SCK_B, SDMMC1_D3, DCMI_D4, EVENTOUT - - K10 - - VDDCORE S - - - - A10 B11 D19 F15 PE4 I/O FT_h - TRACED1, SAI1_D2, DFSDM1_DATIN3, TIM15_CH1N, SPI4_NSS, SAI1_FS_A, SDMMC2_CKIN, SDMMC1_CKIN, SDMMC2_D4, SDMMC1_D4, FMC_A20, DCMI_D4, LCD_B0, EVENTOUT - - - - M13 VDDCORE S - - - - A9 C11 D18 E14 PC8 I/O FT_ha - TRACED0, TIM3_CH3, TIM8_CH3, UART4_TX, USART6_CK, UART5_RTS/UART5_DE, SDMMC1_D0, DCMI_D2, EVENTOUT - - P11 1F8 U20 VSS S - - - - B10 D11 D15 F14 PC10 I/O FT_ha - TRACED2, DFSDM1_CKIN5, SPI3_SCK/I2S3_CK, USART3_TX, UART4_TX, QUADSPI_BK1_IO1, SAI4_MCLK_B, SDMMC1_D2, DCMI_D8, LCD_R2, EVENTOUT - 1D7 K12 1E4 - VDDCORE S - - - - B6 B9 B13 C13 PB4 I/O FT_ha - TRACED8, TIM16_BKIN, TIM3_CH1, SAI4_CK2, SPI1_MISO/I2S1_SDI, SPI3_MISO/I2S3_SDI, SPI2_NSS/I2S2_WS, SPI6_MISO, SDMMC2_D3, SAI4_SCK_A, UART7_TX, EVENTOUT - B9 A10 D17 D14 PC9 I/O FT_fh - TRACED1, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, UART5_CTS, QUADSPI_BK1_IO0, SDMMC1_D1, DCMI_D3, LCD_B2, EVENTOUT - G17 P13 1G3 V5 VSS S - - - - Table 7. STM32MP157A/D pin and ball definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |