| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32MP157D Fiches technique(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157D Fiches technique(HTML) 82 Page - STMicroelectronics |
|
82 / 261 page ![]() Pinouts, pin description and alternate functions STM32MP157A/D 82/261 DS12504 Rev 6 H17 J16 M21 K18 DDR_BA2 O DDR - - - 1C7 L6 1D4 N17 VSS S - - - - G18 H18 L20 K19 DDR_A0 O DDR - - - - L15 - P17 VDDQ_DDR S - - - - G19 G19 L23 K20 DDR_BA0 O DDR - - - E17 F17 F20 G18 DDR_A13 O DDR - - - - L8 - P3 VSS S - - - - F17 G18 J20 J18 DDR_A2 O DDR - - - 1E7 L10 1D6 P7 VSS S - - - - F19 F19 K22 J19 DDR_A3 O DDR - - - - - 1F9 - VDDQ_DDR S - - - - C16 G16 D20 F19 DDR_ RESETN ODDR - - - - M14 - R16 VDDQ_DDR S - - - - 1C9 H17 H20 H19 DDR_A5 O DDR - - - - L12 1D8 P10 VSS S - - - - 1A9 E17 E20 F18 DDR_A7 O DDR - - - - L14 - P12 VSS S - - - - 1A8 F18 K23 K22 DDR_ZQ A A - - - E18 G17 G20 H18 DDR_A9 O DDR - - - 1G7 M5 1E1 P14 VSS S - - - - - J11 1D7 L14 VDDCORE S - - - - D18 E18 J21 J21 DDR_DQ4 I/O DDR - - - - M7 - P20 VSS S - - - - D19 D17 J22 H20 DDR_DQ5 I/O DDR - - - W13 M9 1E3 - VSS S - - - - C18 D18 H21 H21 DDR_DQ2 I/O DDR - - - - - - T17 VDDQ_DDR S - - - - C19 D19 H22 H22 DDR_DQ6 I/O DDR - - - - - 1G8 - VDDQ_DDR S - - - - B19 C19 G22 G22 DDR_DQS0P I/O DDR - - - - M11 - R8 VSS S - - - - Table 7. STM32MP157A/D pin and ball definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |