| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F730Z8 Fiches technique(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730Z8 Fiches technique(HTML) 67 Page - STMicroelectronics |
|
67 / 202 page ![]() DS12536 Rev 2 67/202 STM32F730x8 Pinouts and pin description 83 58 92 136 B6 PB6 I/O FTf - TIM4_CH1, I2C1_SCL, USART1_TX, QUAD SPI_BK1_NCS, FMC_SDNE1, EVENTOUT - 59 93 137 B5 PB7 I/O FTf - TIM4_CH2, I2C1_SDA, USART1_RX, FMC_NL, EVENTOUT - 60 94 138 D6 BOOT I B - - VPP 61 95 139 A5 PB8 I/O FTf - TIM4_CH3, TIM10_CH1, I2C1_SCL, CAN1_RX, SDMMC2_D4, SDMMC1_D4, EVENTOUT - 62 96 140 B4 PB9 I/O FTf - TIM4_CH4, TIM11_CH1, I2C1_SDA, SPI2_NSS/I2S2_WS, CAN1_TX, SDMMC2_D5, SDMMC1_D5, EVENTOUT - - 97 141 A4 PE0 I/O FT - TIM4_ETR, LPTIM1_ETR, UART8_Rx, SAI2_MCK_A, FMC_NBL0, EVENTOUT - - 98 142 A3 PE1 I/O FT - LPTIM1_IN2, UART8_Tx, FMC_NBL1, EVENTOUT - 63 99 - D5 VSS S - - - - - - 143 C6 PDR_ON S - - - - 64 10 0 144 C5 VDD S - - - - -- - D4 PI4 I/O FT - TIM8_BKIN, SAI2_MCK_A, FMC_NBL2, EVENTOUT - Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |