| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F730Z8 Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730Z8 Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 202 page ![]() Pinouts and pin description STM32F730x8 60/202 DS12536 Rev 2 - 40 63 R9 PE10 I/O FT - TIM1_CH2N, UART7_CTS, QUADSPI_BK2_IO3, FMC_D7, EVENTOUT - -41 64 P10 PE11 I/O FT - TIM1_CH2, SPI4_NSS, SAI2_SD_B, FMC_D8, EVENTOUT - - 42 65 R10 PE12 I/O FT - TIM1_CH3N, SPI4_SCK, SAI2_SCK_B, FMC_D9, EVENTOUT - - 43 66 N11 PE13 I/O FT - TIM1_CH3, SPI4_MISO, SAI2_FS_B, FMC_D10, EVENTOUT - - 44 67 P11 PE14 I/O FT - TIM1_CH4, SPI4_MOSI, SAI2_MCK_B, FMC_D11,, EVENTOUT - - 45 68 R11 PE15 I/O FT - TIM1_BKIN, FMC_D12, EVENTOUT - 28 46 69 R12 PB10 I/O FTf (5) TIM2_CH3, I2C2_SCL, SPI2_SCK/I2S2_CK, USART3_TX, OTG_HS_ULPI_D3, EVENTOUT - 29 47 70 R13 PB11 I/O FTf (5) TIM2_CH4, I2C2_SDA, USART3_RX, OTG_HS_ULPI_D4, EVENTOUT - 30 48 71 M10 VCAP_1 S - - - - 31 49 - - VSS S - - - - 32 50 72 N10 VDD S - - - - -- - M11 PH6 I/O FT - I2C2_SMBA, SPI5_SCK, TIM12_CH1, FMC_SDNE1, EVENTOUT - -- - N12 PH7 I/O FTf - I2C3_SCL, SPI5_MISO, FMC_SDCKE1, EVENTOUT - -- - M12 PH8 I/O FTf - I2C3_SDA, FMC_D16, EVENTOUT - Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |