Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCE85176AUG/DA Fiches technique(PDF) 29 Page - NXP Semiconductors

No de pièce PCE85176AUG/DA
Description  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCE85176AUG/DA Fiches technique(HTML) 29 Page - NXP Semiconductors

Back Button PCE85176AUG/DA Datasheet HTML 25Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 26Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 27Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 28Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 29Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 30Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 31Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 32Page - NXP Semiconductors PCE85176AUG/DA Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
PCE85176AUG
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2015
29 of 48
NXP Semiconductors
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
9.
Internal circuitry
10. Safety notes
(1) SA0, CLK, OSC, T1 to T4.
(2) BP0 to BP3, S0 to S39.
(3) VLCD, SCL, SDA.
Fig 23. Device protection diagram
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
CAUTION
Static voltages across the liquid crystal display can build up when the LCD supply voltage
(VLCD) is on while the IC supply voltage (VDD) is off, or vice versa. This may cause unwanted
display artifacts. To avoid such artifacts, VLCD and VDD must be applied or removed together.
CAUTION
Semiconductors are light sensitive. Exposure to light sources can cause the IC to
malfunction. The IC must be protected against light. The protection must be applied to all
sides of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48