Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEV-15573 Fiches technique(PDF) 2 Page - SparkFun Electronics

No de pièce DEV-15573
Description  Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPARKFUN [SparkFun Electronics]
Site Internet  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15573 Fiches technique(HTML) 2 Page - SparkFun Electronics

  DEV-15573 Datasheet HTML 1Page - SparkFun Electronics DEV-15573 Datasheet HTML 2Page - SparkFun Electronics DEV-15573 Datasheet HTML 3Page - SparkFun Electronics DEV-15573 Datasheet HTML 4Page - SparkFun Electronics DEV-15573 Datasheet HTML 5Page - SparkFun Electronics DEV-15573 Datasheet HTML 6Page - SparkFun Electronics DEV-15573 Datasheet HTML 7Page - SparkFun Electronics DEV-15573 Datasheet HTML 8Page - SparkFun Electronics DEV-15573 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
���� Note:This chip is NOT capable of encrypting and decrypting data. It can however, perform quite a few
cryptographic authentication processes such as secure private key creation, secure key storage and digital
signature creation and verification.
At a very high level, the purpose of using this chip is to (1) verify that the message received actually came from the
true sender and (2) verify that the data received was not tampered with. This technology is used in hyper-critical
devices such as rocket launches, medical devices, two factor authentication keys (2FA), ink cartridges, garage
door openers and car key FOBs.
Probably it's most important feature: this device can securely store a private ECC key. In fact, this private key will
never be accessible - not even to you, the owner. It is created internally on the chip during configuration, and it can
never be read from the chip (even if your de-capped the chip). Although you will never know it, you can still
command the co-processor to use the secret private key to create a unique signature on some data. With this
functionality, it can be used to securely authenticate a message in any kind of communication system. For
example, between systems such as a node in an IoT system. Follow along, and you'll be creating 64 byte
signatures (yes, bytes) and verifying them securely in no time!
Checkout this video for more details on this tutorial.
Required Materials
To follow along with this tutorial, you will need the following materials. You may not need everything though
depending on what you have. Add it to your cart, read through the guide, and adjust the cart as necessary.
Note: To follow this tutorial, an Artemis microcontroller board has to be used with this product due to the
buffer size required for the I C bus.
For more advanced users, other microcontrollers can be used, but the buffer size of Wire library and/or the
syntax for the serial print statements will need to be modified. (*This is outside the scope of this tutorial.)
Product Showcase: SparkFun Cryptographic Co-Pro
Product Showcase: SparkFun Cryptographic Co-Pro…
…
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31