| Moteur de recherche de fiches techniques de composants électroniques |
|
DEV-15573 Fiches technique(PDF) 1 Page - SparkFun Electronics |
|
|
|||||||||||||||||||||||||||||
DEV-15573 Fiches technique(HTML) 1 Page - SparkFun Electronics |
|
1 / 31 page ![]() Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide Introduction ���� Note: Please follow through the hookup guide in its entirety before using this board. The chip cannot be re-configured after it is PERMANENTLY locked. The SparkFun Cryptographic Co-processor Breakout ATECC508A (Qwiic) takes all the great features of the Microchip ATECC508A Cryptographic Authentication Device and adds two Qwiic ports for plug and play functionality. In this tutorial we will cover the fundamentals of cryptographic authentication and how to use the ATECC508A to add a very high level of security to your projects. The ATECC508A is capable of many cryptographic processes. This tutorial focuses on Elliptic-curve cryptographic digital signatures (ECC) - using asymetric private/public keys. If those last few words are new to you, please read on! We will spend some time explaining in a bit. SparkFun Cryptographic Co-Processor Breakout - ATECC508A (Qwiic) DEV-15573 |
Numéro de pièce similaire - DEV-15573 |
|
Description similaire - DEV-15573 |