Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB7216-I/KDX Fiches technique(PDF) 57 Page - Microchip Technology

No de pièce USB7216-I/KDX
Description  6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7216-I/KDX Fiches technique(HTML) 57 Page - Microchip Technology

Back Button USB7216-I/KDX Datasheet HTML 53Page - Microchip Technology USB7216-I/KDX Datasheet HTML 54Page - Microchip Technology USB7216-I/KDX Datasheet HTML 55Page - Microchip Technology USB7216-I/KDX Datasheet HTML 56Page - Microchip Technology USB7216-I/KDX Datasheet HTML 57Page - Microchip Technology USB7216-I/KDX Datasheet HTML 58Page - Microchip Technology USB7216-I/KDX Datasheet HTML 59Page - Microchip Technology USB7216-I/KDX Datasheet HTML 60Page - Microchip Technology USB7216-I/KDX Datasheet HTML 61Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003143B-page 57
USB7216
Section 8.5, FlexConnect
Updated note.
Section 8.6, Multi-Host Endpoint
Reflector
Updated NCM reference to “NCM v1.0”
Section 9.1, Absolute Maximum Rat-
ings*
Added HBM ESD information.
Section 9.2, Operating Conditions**
• Revised Digital Code and 3.3V supply
voltage rise times.
• Added note under Figure 9-1
Section 9.4, Power Consumption
Updated power consumption data.
Section 9.5, DC Specifications
• Updated I type buffer VIL and VIH values.
• Updated ICLK buffer type VIH values.
Section 9.6.1, Power Supply and
RESET_N Sequence Timing
Updated description.
Section 9.6.4, Power-On or Reset to
SMBus Slave Ready Timing and
Section 9.6.5, USB Attach Command
to SMBus Slave Ready Timing
Added new sections.
DS00003143A (11-01-19)
All
Initial Release
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61