| Moteur de recherche de fiches techniques de composants électroniques |
|
USB7216-I/KDX Fiches technique(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7216-I/KDX Fiches technique(HTML) 56 Page - Microchip Technology |
|
56 / 61 page ![]() USB7216 DS00003143B-page 56 2018 - 2020 Microchip Technology Inc. APPENDIX A: REVISION HISTORY TABLE A-1: REVISION HISTORY Revision Level & Date Section/Figure/Entry Correction DS00003143B (10-20-20) Cover • Added bullet: “Programming of firmware image to external SPI memory device from USB host.” • Updated “Configuration programming via OTP ROM...” to “Configuration program- ming via OTP Memory” • Updated “Enhanced OEM configuration options available through either OTP or SPI ROM” to “Enhanced OEM configura- tion options available through either OTP or external SPI memory • Updated USB Type-CTM to a registered trademark, USB Type-C® All Updated USB 3.1 references to USB 3.2 per latest USB IF guidelines. Table 1-2 Added AIO buffer type. Section 1.3, Pin Reset States Added new pin reset state section/table. Figure 2-1 Modified the block diagram Section 3.1, Pin Assignments • Added pin reset states to pin table. Table 3-1, Pin Descriptions • Added “If Unused” column and informa- tion. • Updated DP1_VBUS_MON buffer type to AIO, updated description and figure. • Updated VBUS_MON_UP buffer type to AIO and updated description Section 3.3.4, PF[31:3] Configuration (CFG_STRAP[2:1]) • Updated PF29 assignment. Table 3-6, Programmable Functions Descriptions • Added pin reset states to programmable function descriptions. Section 3.0, Pin Descriptions, Figure 3-1, Table 3-1, Section 9.6.1, Power Supply and RESET_N Sequence Timing, Table 9-4 Removed VBUS_DET function (from pin 2). Section 5.1.7, OTP Configuration Stage (CFG_OTP) Added note. Section 7.1, SPI/SQI Master Interface Added new second paragraph. Section 8.2.1, Port Power Control using USB Power Switch Added note after first paragraph. Section 8.2.2, Port Power Control using Poly Fuse Added note after first paragraph. Section 8.3, CC Pin Orientation and Detection Updated section description for clarity. |