Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCIMX503CVM8B Fiches technique(PDF) 133 Page - NXP Semiconductors

No de pièce MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Fiches technique(HTML) 133 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 128Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 129Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 130Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 131Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 132Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 133Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 134Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 135Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 136Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 133 / 136 page
background image
Package Information and Contact Assignments
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
133
UART2_RTS
L2
C2
NVCC_UART
HVIO
ALT1
IN
Keeper
UART2_RXD
L1
C1
L2
NVCC_UART
HVIO
ALT1
IN
Keeper
UART2_TXD
K1
B1
L1
NVCC_UART
HVIO
ALT1
IN
Keeper
UART3_RXD
L4
E4
K3
NVCC_UART
HVIO
ALT1
IN
Keeper
UART3_TXD
K4
D4
J2
NVCC_UART
HVIO
ALT1
IN
Keeper
UART4_RXD
L5
D5
J3
NVCC_UART
HVIO
ALT1
IN
Keeper
UART4_TXD
K5
D6
H2
NVCC_UART
HVIO
ALT1
IN
Keeper
USB_H1_DN
AC10
AC10
W10
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG50
—
—
—
USB_H1_DP
AD10
AD10
Y10
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG50
—
—
—
USB_H1_GPANAI
O
Y11
AA17
U10
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG25
—
—
—
USB_H1_RREFEX
T
AA10
AA10
U9
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG25
—
—
—
USB_H1_VBUS
Y10
AA16
V9
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG50
—
—
—
USB_OTG_DN
AC8
AC8
W8
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG50
—
—
—
USB_OTG_DP
AD8
AD8
Y8
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG50
—
—
—
USB_OTG_GPANA
IO
Y7
AA14
V7
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG25
—
—
—
USB_OTG_ID
Y8
AA12
Y7
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG25
—
—
—
USB_OTG_RREFE
XT
AA8
AA8
W7
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG25
—
—
—
USB_OTG_VBUS
Y9
AA13
V8
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG50
—
—
—
VREF
M23
M23
K17
VDDO25
ANALOG
—
—
—
WDOG
G5
D9
F4
NVCC_MISC
HVIO
ALT1
IN
—
XTAL
AD5
AD5
Y6
VDD2P5
ANALOG
—
—
—
Table 85. Alphabetical List of Signal Assignments (continued)
Pin Name
416
MAPBGA
Ball
Number
416
PoPBGA
Ball
Number
400
MAPBGA
Ball
Number
Pin Power
Domain
Pad Type
IOMUX
MUX
CTL
After
Reset
Direction
After
Reset
IOMUX
PAD CTL
After
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More