| Moteur de recherche de fiches techniques de composants électroniques |
|
MCIMX503CVM8B Fiches technique(PDF) 89 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCIMX503CVM8B Fiches technique(HTML) 89 Page - NXP Semiconductors |
|
89 / 136 page ![]() Electrical Characteristics i.MX50 Applications Processors for Consumer Products, Rev. 7 Freescale Semiconductor 89 4.9.9 SSI Timing Parameters This section describes the timing parameters of the SSI module. The connectivity of the serial synchronous interfaces are summarized in Table 65. NOTE • The terms WL and BL used in the timing diagrams and tables refer to Word Length (WL) and Bit Length (BL). • The SSI timing diagrams use generic signal names wherein the names used in the MCIMX50 Applications Processor Reference Manual (MCIMX50RM) are channel specific signal names. For example, a channel clock referenced in the IOMUXC chapter as AUD3_TXC appears in the timing diagram as TXC. Table 65. AUDMUX Port Allocation Port Signal Nomenclature Type and Access AUDMUX port 1 SSI 1 Internal AUDMUX port 2 SSI 2 Internal AUDMUX port 3 AUD3 External— AUD3 I/O AUDMUX port 4 AUD4 External—EIM or CSPI1 I/O through IOMUX AUDMUX port 5 AUD5 External—EIM or SD1 I/O through IOMUX AUDMUX port 6 AUD6 External—EIM or DISP2 through IOMUX |