| Moteur de recherche de fiches techniques de composants électroniques |
|
UCS2113-2-V/G4 Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS2113-2-V/G4 Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 62 page ![]() UCS2113 DS20005680B-page 8 2016-2021 Microchip Technology Inc. and its subsidiaries FIGURE 1-1: SMBus Timing. SMDATA SMCLK T BUF P S S - Start Condition P - Stop Condition P S T HIGH T LOW T HD:STA T SU:STO T HD:STA T HD:DAT T SU:DAT T SU:STA T FALL T RISE TABLE 1-3: TEMPERATURE SPECIFICATIONS Parameters Sym. Min. Typ. Max. Units Conditions Temperature Ranges Operating Temperature Range TA -40 — +105 °C Operating Junction Temperature TJ -40 — +125 °C Storage Temperature Range TA -55 — +150 °C Thermal Package Resistances - see Table 1-1 |