Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS2113-2-V/G4 Fiches technique(PDF) 38 Page - Microchip Technology

No de pièce UCS2113-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-2-V/G4 Fiches technique(HTML) 38 Page - Microchip Technology

Back Button UCS2113-2-V/G4 Datasheet HTML 34Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 35Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 36Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 37Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 38Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 39Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 40Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 41Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
UCS2113
DS20005680B-page 38
 2016-2021 Microchip Technology Inc. and its subsidiaries
bit 0
OV_LIM2: Overcurrent Limit Port 2 - Indicates that the IBUS current has exceeded both the ILIM threshold
and the IBUS_R2MIN threshold settings for VBUS2. This bit will be cleared when read if the error condition
has been removed or if the ERR2 bit is cleared. This bit will cause the ALERT#2 pin to be asserted and
the device to enter the Error state.
1 = Current Limit for Port 2 exceeded
0 = Current Limit for Port 2 not exceeded
Note 1:
Note that the ERR2 bit does not necessarily reflect the ALERT#2 pin status. The ALERT#2 pin may be cleared or
asserted without the ERR2 bit changing states.
REGISTER 8-4:
INTERRUPT STATUS 2 REGISTER (ADDRESS 04H) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62