Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS2113-1-V/G4 Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce UCS2113-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 Fiches technique(HTML) 15 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 11Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 12Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 13Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 14Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 15Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 16Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 17Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 18Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 15
UCS2113
TABLE 3-2:
PIN TYPES
Pin Type
Description
Power
This pin is used to supply power or ground to the device
Hi-Power This pin is a high-current pin
AIO
Analog Input/Output - this pin is used as an I/O for analog signals
DI
Digital Input - this pin is used as a digital input
DIOD
Open-Drain Digital Input/Output - this pin is bidirectional. It is open-drain and requires a pull-up resistor.
OD
Open-Drain Digital Output - used as a digital output. It is open-drain and requires a pull-up resistor.
EP
Exposed thermal pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62