Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS2113-1-V/G4 Fiches technique(PDF) 53 Page - Microchip Technology

No de pièce UCS2113-1-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-1-V/G4 Fiches technique(HTML) 53 Page - Microchip Technology

Back Button UCS2113-1-V/G4 Datasheet HTML 49Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 50Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 51Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 52Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 53Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 54Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 55Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 56Page - Microchip Technology UCS2113-1-V/G4 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 53
UCS2113
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
Example
20-Lead QFN (4x4x0.9 mm)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
3
e
3
e
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
UCS
2113-1
151256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62