| Moteur de recherche de fiches techniques de composants électroniques |
|
PMICFS Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PMICFS Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 3 page ![]() POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS) FACT SHEET ANALOG—ROBUST, RELIABLE PERFORMANCE OVERVIEW Designed to offer exceptional integration for a wide range of devices. They combine: • Power management • System control and Interfaces • Battery management • Scalable functional safety • System-specific functions • Advanced configurability Our PMICs provide scalable, robust and proven platform solutions for our i.MX applications processors, networking and other processors. Using high-performance process technologies, our PMICs offer high-efficiency solutions designed to extend battery life, reduce power dissipation and minimize EMC. These PMICs bring an advanced level of configurability and programmability at the system level. A single device can be easily configured to power a wide range of processors or FPGAs. One-time programmable (OTP) memory stores configuration without the need for external memory. KEY FEATURES • Switching and linear regulators • Battery management functions • Optimized power modes management • OTP memory for flexible configurability • System interface and control for advanced scalability • One-stop customer service and support as part of reference design platforms • Auto-sync signaling enables all devices to be synchronized and act as one single PMIC • Advanced functional safety architecture NXP PMICs are highly integrated, high-performance power management solutions for automotive, consumer and industrial markets. |
Numéro de pièce similaire - PMICFS |
|
Description similaire - PMICFS |