| Moteur de recherche de fiches techniques de composants électroniques |
|
PMICFS Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PMICFS Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 3 page ![]() TYPICAL PMIC BLOCK DIAGRAM Multiple Low-Voltage Buck SMPS Safety State Machine Battery Charger Boost 5 V Multiple Low-Voltage LDO Sequence Control Monitoring OTP SPI / I²C TYPICAL PMIC BLOCK DIAGRAM NXP CONFIGURABLE ATTACH POWER MANAGEMENT IC PORTFOLIO PMIC Operating Voltage (V) Buck / Boost LDO Ambient Temp Range (°C) ASIL Special Features Package Associated NXP Processor Enablement Other Processors PCA9420 2.5-5.5 2 2 -40 to +85 Low power with ship mode Linear battery charger integrated HVQFN24 or WLCSP25 i.MX RT600 i.MX RT500 BSP available PCA9450 2.7-5.5 6 5 -40 to +105 HVQFN56 i.MX 8M Mini I.MX 8M Nano I.MX 8M Plus Patch available BSP available Under development PF0100 2.8–4.5 7 6 -40 to +105 -40 to +85 QM Coincell charger HVQFN56 i.MX 6S/D/Q/QP/SL/SX BSP available PF0200 2.8–4.5 5 6 -40 to +105 -40 to +85 QM Coincell charger HVQFN56 i.MX 6SL/SX BSP available PF1510 2.5–6.0 3 3 -40 to +105 -40 to +85 QM Very low power Coincell charger HVQFN40 i.MX 7ULP, 6UL, 6ULL, 6ULZ BSP available PF1550 2.5–6.0 3 3 -40 to +105 -40 to +85 QM Linear battery and coincell charger, very low power HVQFN40 i.MX 7ULP, 6UL, 6ULL BSP available PF3000 2.8–5.5 5 6 -40 to +105 -40 to +85 QM Coincell charger HVQFN48 i.MX 7S/D i.MX 6UL BSP available PF3001 2.8–5.5 3 6 -40 to +105 -40 to +85 QM Coincell charger HVQFN48 i.MX 6UL PF4210 2.8–4.5 7 6 -40 to +105 -40 to +85 QM Coincell charger HVQFN56 i.MX 8MQ, 8MD BSP available PF5200 2.7-5.5 2 0 -40 to +125 ASIL B/ QM Watchdog, multiphase FC-QFN32 S32R45, LX2160 EyeQ4, FPGA, Renesas R-Car M3, H3 PF7100 2.7-5.5 5 2 -40 to +125 -40 to +105 ASIL B/ QM Watchdog, AMUX, multiphase HVQFN48 i.MX 8X/XL BSP available PF8100 2.7–5.5 7 4 -40 to +85 -40 to +105 QM Watchdog, AMUX, multiphase HVQFN56 i.MX 8, i.MX 8X, S32V LS1043/LS1046/LA1575/ LA9358/LX2160 BSP available FPGA, Renesas R-Car M3, H3 PF8101 2.7–5.5 5 3 -40 to +105 QM Watchdog, AMUX, multiphase HVQFN56 i.MX 8, i.MX 8X BSP available PF8200 2.7–5.5 7 4 -40 to +105 ASIL B Watchdog, AMUX, multiphase HVQFN56 i.MX 8, i.MX 8X, S32V LS1043/LS1046/LA1575/ LA9358/LX2160 BSP available FPGA, Renesas R-Car M3, H3 PF8201 2.7–5.5 5 3 -40 to +105 ASIL B Watchdog, AMUX, multiphase HVQFN56 i.MX 8, i.MX 8X BSP available PF8121 2.7–5.5 7 4 -40 to +85 QM Watchdog, AMUX, multiphase HVQFN56 i.MX 8M Mini BSP available VR5000 2.8–4.5 4 5 -40 to +105 QM HVQFN56 LS1020/21/23/24/26/28/4 3/46,T1013/23 BSP available VR5100 2.8–5.5 4 6 -40 to +105 QM HVQFN48 LS1012 BSP available |