| Moteur de recherche de fiches techniques de composants électroniques |
|
FL9Y-LP1CDW Fiches technique(PDF) 7 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
FL9Y-LP1CDW Fiches technique(HTML) 7 Page - IDEC Corporation |
|
7 / 12 page ![]() Q Trg T Q Trg Par T Q Trg R T Q Trg R Par Q Trg TH TL Q Trg Par Q Trg R T T Q Trg R Par S R Q RS Q S R Par Latching Relay Q Trg R S Q Trg R RS S Par ON Delay T Q Trg TStarts Q Trg Par R OFF Delay ON/OFF Delay Q Trg T Q Trg Par Q No1 No2 Sa Su 12 12 20 20 12 20 8 20 8 22 Sa Su Su ON 12:00 OFF 20:00 ON 8:00 OFF 22:00 Q No1 No2 No3 No 02.25 No 04.15 Q MM.DDt Fed. Mar. Apr. 25 25 Q Cnt Dir Par R 3 2 1 0 Q AX OFF=On+ o n Q AX OFF=On+ Q AX En Aen+ Aen- Aen Q En Ax Par Q Ax Par Q Cnt R Dir Par Q No MM DD Retentive ON Delay Current Impulse Relay Seven-Day Time Switch Q En Ral Mi Mn OT R Q En R Ral Par h Analog Value Monitoring Analog Differential Trigger Up/Down Counter Twelve-Month Time Switch Edge-Triggered Interval Time-Delay Relay Interval Time-Delay Relay/Pulse Output Operating Hours Counter Program Comparison WindLGC 5.0 Software WindLGC is the exclusive programming software for the IDEC SmartRelay using Windows®. Simplicity Create, simulate, test and save your program in just a matter of seconds using drag and drop functions. Control Choose either function block or ladder programming, but keep in mind that you can always convert from one to the other with just the click of an icon. Offline program simulation (without the need for an actual unit) enables testing of the entire program from a PC, or you can test and monitor your IDEC SmartRelay online. Documentation You can create and save your WindLGC program as a .pdf or .jpg file. Professional documentation is included with all necessary configuration information such as comments and program settings. On the Web Visit IDEC at www.idec.com/smartrelay for additional information on software upgrades, demo software, FAQs, manuals or brochures. Simulation Mode/Online Monitor Ladder Programming Basic Function Blocks Loaded with functions! Create, test and save your program in seconds 6 7 www.idec.com/smartrelay Special Function Blocks |