Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FL9Y-LP1CDW Fiches technique(PDF) 2 Page - IDEC Corporation

No de pièce FL9Y-LP1CDW
Description  Smart Control - IDEC SmartRelay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDEC [IDEC Corporation]
Site Internet  https://us.idec.com/
Logo IDEC - IDEC Corporation

FL9Y-LP1CDW Fiches technique(HTML) 2 Page - IDEC Corporation

  FL9Y-LP1CDW Datasheet HTML 1Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 2Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 3Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 4Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 5Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 6Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 7Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 8Page - IDEC Corporation FL9Y-LP1CDW Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Look around you. IDEC SmartRelays are everywhere! You can
find them in lighting controls, ice-making machines, grocery
store mist systems and more. And there’s a good reason: IDEC
SmartRelays meet all safety requirements, while at the same
time saving you time and money.
Now our new fourth-generation SmartRelays include new
advanced feaures that offer even more versatility and
functions! With new features including: an analog output
module, 3 new function block types, upgraded software and
available expansion modules, you can get everything you need
from one compact module.
When you need a product you can rely on, is easy to use,
and meets safety standards, look no further than IDEC. Our
SmartRelays meet all industry standard approvals including
cULus, CE, C-tick and ABS (American Bureau of Shipping). Plus
they are FM approved for Class 1 Div 2 hazardous locations.
The bottom line is IDEC SmartRelays provide the right solution
for all your control needs!
Industrial Facility Systems
Conveyor systems •
Elevator controls •
Liquid level controls •
Motor, pump and valve controls •
Water treatment and irrigation systems •
Unique Solutions
Solar-electric systems •
Traffic light controls •
Ventilation systems on ships •
Extreme environmental conditions •
Housing and Building Management
• Lighting controls
• HVAC
• Gate and door controls
• Shutter and sun blind controls
• Water and sprinkler systems
Smart Control - IDEC SmartRelay
2
3
The possibilities are endless
Monitoring Systems
• Access controls
• Alarm systems
• Parking lot control monitoring
1
2
3
Why spend all that time wiring when it's as simple as 1, 2, 3?
www.idec.com/smartrelay
è
Your time is valuable and with that in mind, IDEC has created a product
that will require very little of it. Using a system smaller than a PLC, with
minimal wiring, mounting as simple as a quick snap on to a DIN rail,
and programming as easy as one touch of a button, the user-friendly
SmartRelay is the perfect solution.
Why wait? Replace your complicated system of relays, timers and
counters with just one IDEC SmartRelay! It’s safe to say we all want to
reduce workloads while saving money, and with IDEC SmartRelays it’s
easy. These all-in-one controllers require less space in your control
cabinet. And as you know, space in your panel is money in your pocket.
Combine that with low maintenance and you’ve got a cost-effective
product you can count on for all your control operations!
Select "Program" from the
main menu.
Create your control logic.
Select "Start," and you're done.
Your logic circuit can be accomplished ...
by just installing this unit.
*
New
Advanced
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12