Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POE36U-1AT-R Fiches technique(PDF) 5 Page - Phihong USA Inc.

No de pièce POE36U-1AT-R
Description  33.6W Power over Ethernet Adapter High Power Single Port Injector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHIHONG [Phihong USA Inc.]
Site Internet  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE36U-1AT-R Fiches technique(HTML) 5 Page - Phihong USA Inc.

  POE36U-1AT-R Datasheet HTML 1Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 2Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 3Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 4Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 5Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 6Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
After the LEDs blink 3 times the PSE will continue to try to detect a valid load.
Therefore, until the correct load is applied, the LEDs will continue to blink. If there is an
open circuit connected to the output RJ45 then the LEDs will not blink but the PSE will
continue to try to detect a valid load.
Fault Sequence:
Should there be a fault such as an overload or short circuit then all the three LEDs will
blink 5 times in 2 seconds, and then go off as the power supply tries to re-detect a valid
load. If there is a problem in detecting, the LED will indicate what is wrong with the
load as per the codes in the section above.



Html Pages

1 2 3 4 5 6