Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

POE36U-1AT-R Fiches technique(PDF) 4 Page - Phihong USA Inc.

No de pièce POE36U-1AT-R
Description  33.6W Power over Ethernet Adapter High Power Single Port Injector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHIHONG [Phihong USA Inc.]
Site Internet  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE36U-1AT-R Fiches technique(HTML) 4 Page - Phihong USA Inc.

  POE36U-1AT-R Datasheet HTML 1Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 2Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 3Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 4Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 5Page - Phihong USA Inc. POE36U-1AT-R Datasheet HTML 6Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Gigabit Power Injector Block Diagram
Description of LED Functions for Gigabit Power Injector
Power-up Sequence:
Upon power-up, all 3 LEDs will light for 2 seconds, as part of the self-test for the internal
microprocessor software. After the end of the 2 seconds, the "ON" LED will illuminate
green, signifying that the DC output voltage is available for powering a compliant load
(to the 802.3at PoE standards).
Detection Sequence:
Once a compliant load is attached to the output RJ45 connector, the green "CONNECT"
LED will illuminate. Should the load is classified as Class 4 PD, the green “PoEPLUS”
LED will illuminate. Otherwise, “PoEPLUS” LED will stay off.
Should the load be non-compliant then the LEDs will blink a code signifying the cause
for non-detection.
Detection Failure Codes:
1. Incorrect resistive signature – The green “CONNECT” and green “PoEPLUS” LEDs
will blink 3 times.
2. Incorrect capacitive signature – The green “ON” LED will blink 3 times.
3. Incorrect Voffset – The green “CONNECT” and green “ON” LEDs will blink 3
times.
4. Unstable current measurement – The green “CONNECT” LED will blink 3 times
5. Low voltage sensed during detection (overload) – The green “PoE PLUS” LED will
blink 3 times



Html Pages

1 2 3 4 5 6