Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F2002 Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F2002
Description  MSP430G2553 LaunchPad??Development Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button MSP430F2002 Datasheet HTML 17Page - Texas Instruments MSP430F2002 Datasheet HTML 18Page - Texas Instruments MSP430F2002 Datasheet HTML 19Page - Texas Instruments MSP430F2002 Datasheet HTML 20Page - Texas Instruments MSP430F2002 Datasheet HTML 21Page - Texas Instruments MSP430F2002 Datasheet HTML 22Page - Texas Instruments MSP430F2002 Datasheet HTML 23Page - Texas Instruments MSP430F2002 Datasheet HTML 24Page - Texas Instruments MSP430F2002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
www.ti.com
Resources
21
SLAU772A – June 2018 – Revised March 2020
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
MSP430G2553 LaunchPad™ Development Kit (MSP
‑EXP430G2ET)
4.3
MSPWare and TI Resource Explorer
TI Resource Explorer is a tool integrated into CCS that allows you to browse through available design
resources. TI Resource Explorer will help you quickly find what you need inside packages including
MSPWare, ControlSuite™ libraries, TivaWare™ software, and more. TI Resource Explorer is well
organized to find everything that you need quickly, and you can import software projects into your
workspace in one click.
TI Resource Explorer Cloud is one of the TI Cloud Development tools, and is tightly integrated with CCS
Cloud. See Section 4.1.1 for more information.
MSPWare is a collection of code examples, software libraries, data sheets and other design resources for
all MSP430 MCUs delivered in a convenient package – essentially everything developers need to become
MSP experts.
In addition to providing a complete collection of existing MSP design resources, MSPWare also includes a
high level API called MSP Driver Library. This library makes it easy to talk to MSP hardware. More
information can be found at http://www.ti.com/tool/mspware.
Figure 16. Using TI Resource Explorer to Browse MSP-EXP430G2ET in MSPWare
Inside TI Resource Explorer, these examples and many more can be found, and easily imported into CCS
with one click.
4.4
MSP430G2553 MCU
4.4.1
Device Documentation
At some point, you will probably want more information about the MSP430G2553 MCU. For every
MSP430 MCU, the documentation is organized as shown in Table 9.
Table 9. How MSP Device Documentation is Organized
Document
For MSP430G2553
Description
Device family
user's guide
MSP430x2xx Family User's Guide
Architectural information about the MCU, including all modules
and peripherals such as clocks, timers, ADC, and so on.
Device-specific
data sheet
MSP430G2x53, MSP430G2x13 Mixed-
Signal Microcontrollers data sheet
Device-specific information and all parametric information for this
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com