Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F2002 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F2002
Description  MSP430G2553 LaunchPad??Development Kit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button MSP430F2002 Datasheet HTML 3Page - Texas Instruments MSP430F2002 Datasheet HTML 4Page - Texas Instruments MSP430F2002 Datasheet HTML 5Page - Texas Instruments MSP430F2002 Datasheet HTML 6Page - Texas Instruments MSP430F2002 Datasheet HTML 7Page - Texas Instruments MSP430F2002 Datasheet HTML 8Page - Texas Instruments MSP430F2002 Datasheet HTML 9Page - Texas Instruments MSP430F2002 Datasheet HTML 10Page - Texas Instruments MSP430F2002 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
1
DVCC
2
P1.0/TA0CLK/ACLK/A0/CA0
3
4
5
P1.3/ADC10CLK/CAOUT/VREF-/VEREF-/A3/CA3
6
7
8
P2.0/TA1.0
9
P2.1/TA1.1
10
P2.2/TA1.1
11
P2.3/TA1.0
12
P2.4/TA1.2
13
P2.5/TA1.2
14
15
16
RST/NMI/SBWTDIO
17
TEST/SBWTCK
18
XOUT/P2.7
19
XIN/P2.6/TA0.1
20
DVSS
P1.6/TA0.1/
CA6/TDI/TCLK
UCB0SOMI/UCB0SCL/A6/
P1.7/CAOUT
/A7/CA7/TDO/TDI
/UCB0SIMO/UCB0SDA
P1.1/TA0.0/
A1/CA1
/
UCA0RXD/UCA0SOMI
P1.2/TA0.1/
A2/CA2
/
UCA0TXD/UCA0SIMO
P1.4/SMCLK/
CA4/TCK
/VREF+/VEREF+/A4/
UCB0STE/UCA0CLK
P1.5/TA0.0/
A5/CA5/TMS
/
UCB0CLK/UCA0STE
www.ti.com
Hardware
7
SLAU772A – June 2018 – Revised March 2020
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
MSP430G2553 LaunchPad™ Development Kit (MSP
‑EXP430G2ET)
2.2
Hardware Features
2.2.1
MSP430G2553 MCU
The MSP430G2553 is a member of the MSP430 family of ultra-low-power MCUs. MSP430 MCUs features
different sets of peripherals targeted for various applications. The MCU architecture, combined with five
low-power modes, is optimized to achieve extended battery life in portable measurement applications.
Device features include:
•
1.8-V to 3.6-V operation
•
16-bit RISC architecture up to 16-MHz system clock
•
16KB of flash memory and 512 bytes of SRAM
•
8-channel 10-bit ADC
•
8-channel comparator
•
Two 16-bit timers with three capture/compare registers (Timer_A)
•
24 GPIOs
•
One universal serial communication interface (USCI_A) supports UART, IrDA, and SPI
•
One USCI (USCI_B) supports SPI and I
2C
Figure 4 shows the pinout of the MSP430G2553 20-pin N (PDIP) package.
Figure 4. MSP430G2553 20-Pin N Package (Top View)
2.2.2
eZ-FET Onboard Debug Probe With EnergyTrace Technology
To keep development easy and cost effective, TI's LaunchPad Development Kits integrate an onboard
debug probe, which eliminates the need for expensive programmers. The MSP-EXP430G2ET has the eZ-
FET debug probe (see Figure 5), which is a simple and low-cost debugger that supports all MSP430
MCUs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com