Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32CUBEL4 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STM32CUBEL4
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32CUBEL4 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STM32CUBEL4 Datasheet HTML 29Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 30Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 31Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 32Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 33Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 34Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 35Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 36Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Kernel description
UM1919
34/37
DocID028080 Rev 1
A module is a set of function and data structures that are defined in a data structure that
provides all the information and pointers to specific methods and functions to the kernel.
This later checks the integrity and the validity of the module and inserts its structure into a
module table. Each module is identified by a unique ID. When two modules have the same
ID, the Kernel rejects the second one. The module structure is defined as follows:
•
Id: unique module identifier
•
Name: pointer to the module name
•
kModuleId: module identifier
•
kModulePreExec: pre-execution function to allocate resources prior to the execution
•
kModuleExec: execution function
•
kModulePostExec: post-execution function to release resources
•
kModuleResourceCheck: function to check the resource requirements after the module
was added to the kernel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37