Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32CUBEL4 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STM32CUBEL4
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32CUBEL4 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STM32CUBEL4 Datasheet HTML 14Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 15Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 16Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 17Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 18Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 19Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 20Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 21Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Demonstration functional description
UM1919
18/37
DocID028080 Rev 1
Functional description
The selection of an Idd measurement with the joystick RIGHT key executes the following
sequence:
•
Clear the LCD
•
Enter HW components in low-power mode
•
Enter MCU in low-power mode
•
Wait for automatic wake up through an external event on EXTI 13. This event is the end
of the Idd measurement done on the STM32L1 MCU side.
•
Display the measured current value on the LCD
The measured Idd value could be for example:
Figure 10. IDD mode selection and result value
4.4.2
VDD
Overview
The VDD module measures the voltage supply with the 12-bit ADC single conversion.
Figure 11. VDD application menu selection and result value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37