Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3956 Fiches technique(PDF) 53 Page - ams AG

No de pièce AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Fiches technique(HTML) 53 Page - ams AG

Back Button AS3956 Datasheet HTML 49Page - ams AG AS3956 Datasheet HTML 50Page - ams AG AS3956 Datasheet HTML 51Page - ams AG AS3956 Datasheet HTML 52Page - ams AG AS3956 Datasheet HTML 53Page - ams AG AS3956 Datasheet HTML 54Page - ams AG AS3956 Datasheet HTML 55Page - ams AG AS3956 Datasheet HTML 56Page - ams AG AS3956 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 107 page
background image
ams Datasheet
Page 53
[v1-11] 2018-Nov-14
Document Feedback
AS3956 − Detailed Description
Figure 51:
MCU to RF Data Transfer in Extended Mode
RF
NFC
D
A
E
R
r
a
r
0xFC
READ
0xFC
WRITE
0xFF,
0x000000
00
Tag
AS3956 RF
0x00000000
0x00000000
0x00000000
0x000000
02
0xFFEECC
AA
0x998877
66
0x554433
22
0x000000
09
ACK
0xFC
0x00000000
0x00000000
0xFFEECCAA
0xFFEECCAA
0xFFEECCAA
0x00000000
0xFD
0x00000000
0x00000000
0x00000000
0x99887766
0x99887766
0x00000000
0xFE
0x00000000
0x00000000
0x00000000
0x00000000
0x55443322
0x00000000
0xFF
0x00000000
0x00000000
0x00000000
0x00000000
0x00000000
0x00000000
AS3956
SPI/I²C
MCU
SPI/I²C
0xFFEECCAA
0x99887766
0x55443322
IRQ
RX start
Rx
Tx
rf_busy
MCU TO BUFFER DATA TRANSFER
BUFFER TO RF DATA TRANSFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More