Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3956 Fiches technique(PDF) 45 Page - ams AG

No de pièce AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Fiches technique(HTML) 45 Page - ams AG

Back Button AS3956 Datasheet HTML 41Page - ams AG AS3956 Datasheet HTML 42Page - ams AG AS3956 Datasheet HTML 43Page - ams AG AS3956 Datasheet HTML 44Page - ams AG AS3956 Datasheet HTML 45Page - ams AG AS3956 Datasheet HTML 46Page - ams AG AS3956 Datasheet HTML 47Page - ams AG AS3956 Datasheet HTML 48Page - ams AG AS3956 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
ams Datasheet
Page 45
[v1-11] 2018-Nov-14
Document Feedback
AS3956 − Detailed Description
Data Transaction in Tunneling Mode
Figure 44 shows an example of how communication in
Tunneling mode should be implemented.
Figure 44:
Read First, then Acknowledge
ACK and NACK responses can be replaced by data, in case of an
incoming READ command.
Relevant Registers, Interrupts and Commands
Registers:
• Buffer Status Register 1 and Buffer Status Register 2 (data
length and error type)
Interrupts:
• Rx start (I_rxs bit in Interrupt Register 1)
• Rx end, Tx end (resp. I_rxe and I_txe bits in Interrupt
Register 0)
• CRC, parity and framing interrupt (resp. I_crc_err, I_par_
err and I_frm_err bits in Interrupt Register 1)
• Buffer error (I_bf_err in Interrupt Register 1)
• SPI / I²C buffer access error (I_acc_err in
Interrupt Register 1)
Commands:
• Transmit ACK
• Transmit NACK 0-5
• Transmit Buffer
• Go To Sense
• Go To Sleep
• Go To Sense / Sleep
PCD
AS3956
DATA
RX
ACK /
NACK
MCU
DATA
RD O
UT
CMD
ACK /
NACK
DA
TA
TX
Rx start
Rx end, crc or parity error,
bu er error
Tx end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More