Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3953B Fiches technique(PDF) 37 Page - ams AG

No de pièce AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Fiches technique(HTML) 37 Page - ams AG

Back Button AS3953B Datasheet HTML 33Page - ams AG AS3953B Datasheet HTML 34Page - ams AG AS3953B Datasheet HTML 35Page - ams AG AS3953B Datasheet HTML 36Page - ams AG AS3953B Datasheet HTML 37Page - ams AG AS3953B Datasheet HTML 38Page - ams AG AS3953B Datasheet HTML 39Page - ams AG AS3953B Datasheet HTML 40Page - ams AG AS3953B Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
ams Datasheet
Page 37
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − Application Information
Direct Command Mode
Direct Command Mode has no arguments, so a single byte is
sent. SPI operation mode bits 11 indicate Direct Command
Mode. The following six bits define command code, sent MSB
to the LSB. The command is executed on falling edge of last
clock.
Figure 47:
Sending a Direct Command
1
1
C5
C4
C3
C2
C1
C0
X
X
SCLK rising
edge Data is
transfered from
µC
SCLK falling
edge Data is
sampled
/SS rising edge signals
start of command
execution
Two leading
ONE indicate
COMMAND
Mode
/SS
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64