Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3953B Fiches technique(PDF) 3 Page - ams AG

No de pièce AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS3953B Fiches technique(HTML) 3 Page - ams AG

  AS3953B Datasheet HTML 1Page - ams AG AS3953B Datasheet HTML 2Page - ams AG AS3953B Datasheet HTML 3Page - ams AG AS3953B Datasheet HTML 4Page - ams AG AS3953B Datasheet HTML 5Page - ams AG AS3953B Datasheet HTML 6Page - ams AG AS3953B Datasheet HTML 7Page - ams AG AS3953B Datasheet HTML 8Page - ams AG AS3953B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
ams Datasheet
Page 3
[v1-04] 2016-Jan-07
Document Feedback
AS3953B − General Description
Applications
The device is ideal for applications like
• Passive wake-up
• Multipurpose HF interface to a controller
• Low power or passive programming
• Ultra low power data logger
• RFID programmable configuration EEPROM, ISO 14443A
smart card, NFC Forum tag type 4
• Bluetooth and Wi-Fi pairing
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
AS3953B Block Diagram
LC1
LC2
VSS
VP_SPI
SPI
Power
Manager
EEPROM
POR
Level
Shifters
VP_REG
VDD
AS3953B
AFE
VP_INT
IRQ
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64