| Moteur de recherche de fiches techniques de composants électroniques |
|
SL900A Fiches technique(PDF) 44 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
SL900A Fiches technique(HTML) 44 Page - ams AG |
|
44 / 103 page ![]() Page 44 ams Datasheet Document Feedback [v1-12] 2018-Oct-29 SL900A − Custom Command Description Initialize The INITIALIZE command clears the System status field, the Limit counters and sets the Delay time field and the Application data field. The Initialize command is needed before the START LOG command as it will clear the pointers and counters. If the application needs to run the logging process from the previous point on, the Initialize command ca be left out. Command Structure: Successful Reply Structure: The “Delay Time” Field is Composed as: The “Application Data” Field is Composed as: SOF Custom Command Code Delay Time Application Time Handle CRC Frame-sync 0xE0 0xAC 16 bits 16 bits 16 bits 16 bits SOF Header Handle CRC EOF Pilot tone + preamble 1 bit [0] 16 bits 16 bits Dummy bit [1] Bit Number 15 … 4 3 … 2 1 0 Function Delay time [11:0] RFU [1:0] Delay mode [0 – timer, 1 – external switch] IRQ+timer enable Bit Number 15 … 7 6 … 3 2 … 0 Function Number of words for application data [8:0] RFU [3:0] Broken word pointer [2:0] |