Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL900A Fiches technique(PDF) 79 Page - ams AG

No de pièce SL900A
Description  EPC Class 3 Sensory Tag Chip - For Automatic Data Logging
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

SL900A Fiches technique(HTML) 79 Page - ams AG

Back Button SL900A Datasheet HTML 75Page - ams AG SL900A Datasheet HTML 76Page - ams AG SL900A Datasheet HTML 77Page - ams AG SL900A Datasheet HTML 78Page - ams AG SL900A Datasheet HTML 79Page - ams AG SL900A Datasheet HTML 80Page - ams AG SL900A Datasheet HTML 81Page - ams AG SL900A Datasheet HTML 82Page - ams AG SL900A Datasheet HTML 83Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 103 page
background image
ams Datasheet
Page 79
[v1-12] 2018-Oct-29
Document Feedback
SL900A − Shelf Life Calculation
Low Battery Flag
The Low Battery flag is a register bit i.e. volatile memory. The
Battery status is checked during logging immediately after a
Start Log command is received even if no ADC conversion takes
place and also before each logging event. It is also checked
when a GSV command is received.
If the battery level is below the PORHL level the low battery flag
is set and any logging in progress is stopped, but the RTC is still
running. See Figure 60 for PORHL thresholds. The Low Battery
status flag is only set as a result of a battery status check and
not if a PORHL occurs at another time.
Shelf Life Algorithm
The following is a C language representation of the shelf life
algorithm, implemented in SL900A.
At startup of logging:
SLcurr (22 bits, signed) = SLinit << 6; // multiply by 64
SLerrlo = 0;
SLerrhi = 0;
At each temperature logging event:
Tdiff (10 bits, unsigned) = Tmeas (10 bits, temperature
value) – Tinit;
Tindex (8 bits, unsigned) = Tdiff >> 2; // divide by 4
if (Tdiff > 236) {SLerrhi++; Tindex = 59}
if (Tinit > Tmeas) {SLerrlo ++; Tindex = 0}
Counter (8 bits, unsigned) = 0;
While (Counter <= Tindex)
{
SLdec (8 bits, unsigned) = P[Counter];
SLcurr = SLcurr – SLdec;
Counter++;
}
if (Tindex & (Tindex < 59)) // Interpolation process
{
SLdec++; // compensate for truncation
if (Tdiff & 0b00000010) {SLcurr = SLcurr – (SLdec
>> 1)}
if (Tdiff & 0b00000001) {SLcurr = SLcurr – (SLdec
>> 2)}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More