Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6200 Fiches technique(PDF) 5 Page - ams AG

No de pièce AS6200
Description  Eval Kit Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Fiches technique(HTML) 5 Page - ams AG

  AS6200 Datasheet HTML 1Page - ams AG AS6200 Datasheet HTML 2Page - ams AG AS6200 Datasheet HTML 3Page - ams AG AS6200 Datasheet HTML 4Page - ams AG AS6200 Datasheet HTML 5Page - ams AG AS6200 Datasheet HTML 6Page - ams AG AS6200 Datasheet HTML 7Page - ams AG AS6200 Datasheet HTML 8Page - ams AG AS6200 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AS6200 Adapter Board
ams Eval Kit Manual
Page 5
[v1-01] 2017-Dec-01
Document Feedback
3.2
AS6200/C Configuration
With the address selector, it is possible to choose the I²C address of the device. The included
jumper is an easy way of setting the I²C address of the sensor. The address selector must not be
left open.
Address Selector
Device Address
GND
100 1000
0x48
VDD
100 1001
0x49
Table 3: I²C address
3.3
Power Supply and Connections
The PCB has to be connected to an external microcontroller. P1 is populated with a 1x5 pin header
and is required for power supply as well as I²C communication. In addition to that it can be used to
monitor the interrupt status via pin 5 (IRQ).
Figure 3: I²C connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13