| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6200 Fiches technique(PDF) 3 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS6200 Fiches technique(HTML) 3 Page - ams AG |
|
3 / 13 page ![]() AS6200 Adapter Board ams Eval Kit Manual Page 3 [v1-01] 2017-Dec-01 Document Feedback 1 Introduction The AS6200 and AS6200C adapter boards are a small PCB allowing a simple and quick evaluation of the AS6200 and AS6200C digital temperature sensors without the need to design a custom PCB. This small form factor board is fully assembled with the AS6200/C temperature sensor and its necessary external components. 1.1 Kit Content This kit contains following material listed in Table 1: Kit Content. Figure 1: adapter board Pos. Item Comment 1 AS6200-EK-AB or AS6200C-EK-AB Eval kit adapter board Table 1: Kit Content |