| Moteur de recherche de fiches techniques de composants électroniques |
|
ML2213 Fiches technique(PDF) 3 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML2213 Fiches technique(HTML) 3 Page - OKI electronic componets |
|
3 / 26 page ![]() FEDL 2213-01 1Semiconductor ML2213 3/26 PIN CONFIGURATION (TOP VIEW) NC: No connection Note : If the 14-Pin Plastic SSOP is used, contact the Oki sales office for availability and specifications. 1 2 3 4 5 6 7 NC NAR BUSY MD GND AOUT NC NC SD SI RESET CS CLK VDD 14 13 12 11 10 9 8 6 7 1 2 3 4 5 NC 24 23 22 21 20 8 9 10 11 12 NC NC NC AOUT GND MD NAR BUSY NC NC NC NC NC VDD CLK ST NC RESET SI SD NC NC NC 13 14 15 16 17 18 19 14-Pin Plastic SSOP 24-Pin Plastic SOP |