| Moteur de recherche de fiches techniques de composants électroniques |
|
DLPS033 Fiches technique(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DLPS033 Fiches technique(HTML) 15 Page - Texas Instruments |
|
15 / 21 page ![]() 11 Device and Documentation Support 11.1 Device Support 11.1.1 Device Compatibility TI PART NUMBER DDC_Version(2:0)(2) Compatible DMDs (1) DLPR410YVA 5 DLP7000FLP, DLP7000UVFLP, DLP9500FLN and, DLP9500UVFLN DMDs. DLPR410AYVA 7 DLP650LNIRFYL, DLP7000FLP, DLP7000UVFLP, DLP9500FLN and, DLP9500UVFLN DMDs. DLPR410BYVA 0 DLP650LNIRFYL, DLP7000FLP, DLP7000UVFLP, DLP9500FLN and, DLP9500UVFLN DMDs. (1) Refer to each individual DMD datasheet under Device and Documentation Support for more DMD information. (2) Refers to the DDC_Version(2:0) output pins of the DLPC410 Controller once configured by this Configuration PROM. See the DLPC410 datasheet (DLPS024) for more information. 11.1.2 Device Nomenclature The device nomenclature is as shown in Figure 11-1. The part number description for previously and currently available part numbers is shown in Table 11-1. DLPR410 A YVA Package Type Device Descriptor Revision Figure 11-1. Device Nomenclature Table 11-1. Part Number Description TI PART NUMBER DESCRIPTION REFERENCE NUMBER DLPR410YVA DLPR410 Configuration PROM 2510442-0005 DLPR410AYVA DLPR410A Configuration PROM (Added compatibility with DLP650LNIR) DLPR410AYVA DLPR410BYVA DLPR410B Configuration PROM (Compatibile with DLP650LNIR) DLPR410BYVA 11.1.3 Device Markings Figure 11-2 shows the previous device marking for the DLPR410 device. For the DLPR410A and DLPR410B, this device marking nomenclature has been updated to use the DLPR410A and DLPR410B device part numbers instead of the previous 2510442 marking, as shown in Figure 11-3 and Figure 11-4. Pin 1 2510442-0005 YY/WW Figure 11-2. DLPR410 Device Markings www.ti.com DLPR410 DLPS027G – AUGUST 2012 – REVISED AUGUST 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 15 Product Folder Links: DLPR410 |