| Moteur de recherche de fiches techniques de composants électroniques |
|
MSM7732-01TB Fiches technique(PDF) 23 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7732-01TB Fiches technique(HTML) 23 Page - OKI electronic componets |
|
23 / 29 page ![]() FEDL7732-01-10 OKI Semiconductor MSM7732-01 23/29 APPLICATION CIRCUIT A/D Slope Filter BPF MCU I/F VREF D/A LPF TONE / DTMF Gen PCM Compand PCM Expand Voice Detect Hands Free Kit Mic Speaker Earphone IN OUT 20 k Ω 32 Ω 32 Ω 32 Ω GND VDD R1 C1 R3 R4 R5 C2 C3 C4 C5 0.1 µF C7 C9 10 µF 20 k Ω 20 k Ω NC AMPAI AMPAO AIN+ AIN – GSX NC NC SWD SWE SG NC 36 35 34 33 32 31 30 29 28 27 26 25 NC EXCK PCMOUT PCMIN SYNC NC BCLK PDN NC AG2 NC NC GND VDD C6 1 2 3 4 5 6 7 8 9 10 11 12 R6 R2 |