| Moteur de recherche de fiches techniques de composants électroniques |
|
MSM7732-01TB Fiches technique(PDF) 22 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7732-01TB Fiches technique(HTML) 22 Page - OKI electronic componets |
|
22 / 29 page ![]() FEDL7732-01-10 OKI Semiconductor MSM7732-01 22/29 CR5 (Not used) B7 B6 B5 B4 B3 B2 B1 B0 CR5 –– –– –– –– –– –– –– –– Initial Value 0 0 0 0 0 0 0 0 B7-B0……… Not used CR6 (VOX function control) B7 B6 B5 B4 B3 B2 B1 B0 CR6 VOX ON/OFF ON LVL1 ON LVL0 –– –– –– –– –– Initial Value 0 0 0 0 0 0 0 0 B7 ……………………… VOX function enable; 0/Disable, 1/Enable If B7 is set to a logic “1”, B3 should be set to a logic “1”. B6, B5…………………… Voice detector level setting; (0,0): –20 dBm0 (0,1): –26 dBm0 (1,0): –32 dBm0 (1,1): –38 dBm0 B4, B2, B1, B0 ……… Not used CR7 (Detect register, read only) B7 B6 B5 B4 B3 B2 B1 B0 CR7 VOX OUT TX NOISE LVL1 TX NOISE LVL0 –– –– –– –– –– Initial Value 0 0 0 * * * * * *For IC testing B7………………………… Voice detection; 0/Silence, 1/Voice detect B6, B5…………………… Voice detect level (indicator); (0,0): Below –50 dBm0 (0,1): –40 to –50 dBm0 (1,0): –30 to –40 dBm0 (1,1): Above –30 dBm0 Note: These outputs are enabled when the VOX function is turned on by CR6-B7. B4, B3, B2, B1, B0……… Not used |