Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCD03021T-R82K-N Fiches technique(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

No de pièce SCD03021T-R82K-N
Description  This specification applies to SMD Unshielded Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Site Internet  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SCD03021T-R82K-N Fiches technique(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SCD03021T-R82K-N Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD03021T-470M-N
Rev 2.0 :
www.leiditech.com
01.08.2021
1/8
1 Scope:
2 Part Numbering:
3 Rating:
20℃ ~ 25℃ R.H.65%(In Tape & Reel Condition)
4 Marking:
5 Standard Testing Condition
In case of doubt
Temperature
Ordinary Temperature(15 to 35
℃)
Ordinary Humidity(25 to 85% RH)
20 to 30
℃
Humidity
50 to 80 %RH
This specification applies to SMD Unshielded Power Inductors
Operating Temperature: -40℃ ~ 105℃(Including self - temperature rise)
Storage Temperature:
Unless otherwise specified


Numéro de pièce similaire - SCD03021T-R82K-N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SCD03021 ETC2-SCD03021 Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
More results

Description similaire - SCD03021T-R82K-N

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
LDRH127-220M-B2 LEIDITECH-LDRH127-220M-B2 Datasheet
511Kb / 5P
This specification applies to SMD Shielded Power Choke
LM0402 LEIDITECH-LM0402 Datasheet
2Mb / 6P
This specification applies to Wire Wound Ceramic Chip Inductors
LMDH74T LEIDITECH-LMDH74T Datasheet
654Kb / 10P
This specification applies to SMD Shielded Power Choke
LHCH252012A LEIDITECH-LHCH252012A Datasheet
790Kb / 6P
This specification applies to Molding power inductors
UW21T-900M-N LEIDITECH-UW21T-900M-N Datasheet
842Kb / 6P
This specification applies to CUW FILTER
SCD0705T-221K-N LEIDITECH-SCD0705T-221K-N Datasheet
2Mb / 9P
This specification applies to SMD Unshielded Power Choke
BPSC00060630270TS0 LEIDITECH-BPSC00060630270TS0 Datasheet
635Kb / 7P
This specification applies to SMD Shielded Power Choke
LDRH74-220M-B2 LEIDITECH-LDRH74-220M-B2 Datasheet
385Kb / 5P
This specification applies to SMD Shielded Power Choke
BWVS00808040101M00 LEIDITECH-BWVS00808040101M00 Datasheet
889Kb / 8P
This specification applies to Wire Wound Power Inductors
LMDH47T LEIDITECH-LMDH47T Datasheet
654Kb / 10P
This specification applies to SMD Shielded Power Choke
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com