Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCD03021T-R82K-N Fiches technique(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

No de pièce SCD03021T-R82K-N
Description  This specification applies to SMD Unshielded Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Site Internet  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SCD03021T-R82K-N Fiches technique(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SCD03021T-R82K-N Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd SCD03021T-R82K-N Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev 2.0 :
www.leiditech.com
2/8
6 Configuration and Dimensions:
7 Electrical Characteristics:
Inductance
Test Freq.
RDC
Isat
Tolerance
Marking
(uH )
(Ω)Max.
(A)
(±%)
SCD03021T-R82□-N
0.82
7.96 MHz,1 V
0.06
2.2
30
AX
SCD03021T-1R0□-N
1
7.96 MHz,1 V
0.07
2.08
20
BA
SCD03021T-1R2□-N
1.2
7.96 MHz,1 V
0.08
2
20
BC
SCD03021T-1R4□-N
1.4
7.96 MHz,1 V
0.09
1.86
20
BE
SCD03021T-1R5□-N
1.5
7.96 MHz,1 V
0.11
1.8
20
BF
SCD03021T-1R8□-N
1.8
7.96 MHz,1 V
0.11
1.8
20
BI
SCD03021T-2R2□-N
2.2
7.96 MHz,1 V
0.13
1.39
20
CC
SCD03021T-2R7□-N
2.7
7.96 MHz,1 V
0.14
1.32
20
CH
SCD03021T-3R3□-N
3.3
7.96 MHz,1 V
0.17
1.25
10,20
DD
SCD03021T-3R9□-N
3.9
7.96 MHz,1 V
0.19
1.2
20
DJ
SCD03021T-4R7□-N
4.7
7.96 MHz,1 V
0.21
1.13
20
EH
SCD03021T-5R6□-N
5.6
7.96 MHz,1 V
0.22
0.91
20
FG
SCD03021T-6R8□-N
6.8
7.96 MHz,1 V
0.25
0.85
20
GI
SCD03021T-7R0□-N
7
7.96 MHz,1 V
0.28
0.82
20
HA
SCD03021T-8R2□-N
8.2
7.96 MHz,1 V
0.28
0.82
20
IC
SCD03021T-100□-N
10
2.52 MHz,1 V
0.32
0.74
10,20
KA
SCD03021T-120□-N
12
2.52 MHz,1 V
0.35
0.64
20
QA
SCD03021T-150□-N
15
2.52 MHz,1 V
0.4
0.6
20
MA
SCD03021T-180□-N
18
2.52 MHz,1 V
0.48
0.54
20
RA
SCD03021T-220□-N
22
2.52 MHz,1 V
0.58
0.5
10,20
LA
SCD03021T-270□-N
27
2.52 MHz,1 V
0.65
0.43
20
SA
SCD03021T-330□-N
33
2.52 MHz,1 V
0.8
0.4
20
NA
SCD03021T-390□-N
39
2.52 MHz,1 V
0.9
0.37
20
PA
SCD03021T-470□-N
47
2.52 MHz,1 V
1.19
0.36
20
OA
SCD03021T-500□-N
50
2.52 MHz,1 V
1.22
0.33
20
TA
NOTE: □-tolerance K=±10% / M=±20%
1.Operating temperature range
-40℃ ~ 105℃(Including self - temperature rise)
2.Isat for Inductance drop 10% from its value without current.
"-N" FOR COMPLETELY LEAD FREE TYPE(INCLUDING FERRITE BODY & SOLDER)
Part No.
SCD03021T-470M-N
01.08.2021



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com