Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCRT-WPC Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce BCRT-WPC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-WPC Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button BCRT-WPC Datasheet HTML 4Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 5Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 6Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 7Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 8Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 9Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 10Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 11Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
RTI-8
RTI MODE CODE HANDLING PROCEDURE
T/R
Mode Code
Function
Operation
0
10100
Selected Transmitter Shutdown 2
1. Command word stored
2. MES ERR pin asserted
3. Message error latch set in System Register
4. Status word transmitted
0
10101
Override Selected Transmitter
Shutdown 2
1. Command word stored
2. MES ERR pin asserted
3. Message error latch set in System Register
4. Status word transmitted
0
10001
Synchronize (w/data)
1. Command word stored
2. Data word stored
3. Status word transmitted
1
00000
Dynamic Bus Control 2
1. Command word stored
2. MES ERR pin asserted
3. Message error latch set in System Register
4. Status word transmitted
1
00001
Synchronize 1
1. Command word stored
2. Status word transmitted
1
00010
Transmit Status Word 3
1. Command word stored
2. Status word transmitted
1
00011
Initiate Self-Test 1
1. Command word stored
2. Status word transmitted
1
00100
Transmitter Shutdown
1. Command word stored
2. Alternate bus shutdown
3. Status word transmitted
1
00101
Override Transmitter Shutdown
1. Command word stored
2. Alternate bus enabled
3. Status word transmitted
1
00110
Inhibit Terminal Flag Bit
1. Command word stored
2. Terminal Flag bit set to zero and disabled
3. Status word transmitted
1
00111
Override Inhibit Terminal Flag Bit
1. Command word stored Bit
2. Terminal Flag bit enabled, but not set to logic one
3. Status word transmitted
1
01000
Reset Remote Terminal 1
1. Command word stored
2. Status word transmitted
1
10010
Transmit Last Command Word 3
1. Status word transmitted
2. Last command word transmitted
1
10000
Transmit Vector Word
1. Command word stored
2. Status word transmitted
3. Data word transmitted
1
10011
Transmit BIT Word
1. Command word stored
2. Status word transmitted
3. Data word transmitted
Notes:
1. Further host interaction required for mode code operation.
2. Reserved mode code; A) MES ERR pin asserted, B) Message Error bit set, C) status word transmitted (ME bit set to logic one).
3.Status word not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52