Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCRT-WPC Fiches technique(PDF) 41 Page - List of Unclassifed Manufacturers

No de pièce BCRT-WPC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-WPC Fiches technique(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button BCRT-WPC Datasheet HTML 37Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 38Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 39Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 40Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 41Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 42Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 43Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 44Page - List of Unclassifed Manufacturers BCRT-WPC Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Packaging-2
1
144-Pin Pingrid Array
E
1.565 ± 0.025
-B-
D
1.565 ± 0.025
-A-
0.080 REF.
(2 Places)
0.040 REF.
0.100 REF.
(4 Places)
A
0.130 MAX.
Q
0.050 ± 0.010
A
A
L
0.130 ±0.010
PIN 1 I.D.
(Geometry Optional)
-C-
(Base Plane)
b
0.018 ± 0.002
0.030
0.010
C A
B
C
SIDE VIEW
TOP VIEW
0.003 MIN. TYP.
D1/E1
1.400
0.100
TYP.
e
PIN 1 I.D.
(Geometry Optional)
2
R
P
N
M
L
K
J
H
G
F
E
D
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
Notes:
1. True position applies to pins at base plane (datum C).
2. True position applies at pin tips.
3. All package finishes are per MIL-M-38510.
4. Letter designations are for cross-reference to MIL-M-38510.
BOTTOM VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52