Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADIN1110CCPZ-R7 Fiches technique(PDF) 73 Page - Analog Devices

No de pièce ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Fiches technique(HTML) 73 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 69Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 70Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 71Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 72Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 73Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 74Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 75Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 76Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
Data Sheet
ADIN1110
REGISTERS
analog.com
Rev. 0 | 73 of 104
Table 123. Bit Descriptions for PMA_PMD_CNTRL2
Bits
Bit Name
Description
Reset
Access
0100000: TS_40GBASE_KR4_PMA_PMD.
0100001: TS_40GBASE_CR4_PMA_PMD.
0100010: TS_40GBASE_SR4_PMA_PMD.
0100011: TS_40GBASE_LR4_PMA_PMD.
0100100: TS_40GBASE_FR_PMA_PMD.
0100101: TS_40GBASE_ER4_PMA_PMD.
0100110: TS_40GBASE_T_PMA.
0101000: TS_100GBASE_CR10_PMA_PMD.
0101001: TS_100GBASE_SR10_PMA_PMD.
0101010: TS_100GBASE_LR4_PMA_PMD.
0101011: TS_100GBASE_ER4_PMA_PMD.
0101100: TS_100GBASE_KP4_PMA_PMD.
0101101: TS_100GBASE_KR4_PMA_PMD.
0101110: TS_100GBASE_CR4_PMA_PMD.
0101111: TS_100GBASE_SR4_PMA_PMD.
0110000: TS_2_5GBASE_T_PMA.
0110001: TS_5GBASE_T_PMA.
0110010: TS_10GPASS_XR_D_PMA_PMD.
0110011: TS_10GPASS_XR_U_PMA_PMD.
0110100: TS_BASE_H_PMA_PMD.
0110101: TS_25GBASE_LR_PMA_PMD.
0110110: TS_25GBASE_ER_PMA_PMD.
0110111: TS_25GBASE_T_PMA.
0111000: TS_25GBASE_CR_OR_25GBASE_CR_S_PMA_PMD.
0111001: TS_25GBASE_KR_OR_25GBASE_KR_S_PMA_PMD.
0111010: TS_25GBASE_SR_PMA_PMD.
0111101: TS_BASE_T1_PMA_PMD.
1010011: TS_200GBASE_DR4_PMA_PMD.
1010100: TS_200GBASE_FR4_PMA_PMD.
1010101: TS_200GBASE_LR4_PMA_PMD.
1011001: TS_400GBASE_SR16_PMA_PMD.
1011010: TS_400GBASE_DR4_PMA_PMD.
1011011: TS_400GBASE_FR8_PMA_PMD.
1011100: TS_400GBASE_LR8_PMA_PMD.
PMA/PMD Status 2 Register
Device Address: 0x01; Register Address: 0x0008, Reset: 0x8301, Name: PMA_PMD_STAT2
Table 124. Bit Descriptions for PMA_PMD_STAT2
Bits
Bit Name
Description
Reset
Access
[15:14]
PMA_PMD_PRESENT
PMA/PMD Present. Indicates that the PMA is present and responding.
0x2
R
[13:10]
RESERVED
Reserved.
0x0
R
9
PMA_PMD_EXT_ABLE
PHY Extended Abilities Support. Indicates that the PHY supports extended abilities as
listed in PMA_PMD_EXT_ABILITY.
0x1
R
8
PMA_PMD_TX_DIS_ABLE
PMA/PMD Tx Disable. Indicates that the PMA supports transmit disable.
0x1
R
[7:1]
RESERVED
Reserved.
0x0
R
0
LB_PMA_LOC_ABLE
PMA Local Loopback Able. Indicates that the PMA supports local loopback.
0x1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More