Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADIN1110CCPZ-R7 Fiches technique(PDF) 40 Page - Analog Devices

No de pièce ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Fiches technique(HTML) 40 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 36Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 37Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 38Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 39Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 40Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 41Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 42Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 43Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 104 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. 0 | 40 of 104
4. Poll MDIOACC2.TRDONE = 0x1 to verify that all operations are
completed. MDIO_DATA reflects the content of register ABC.
Example of four consecutive writes. It is possible to write a com-
mand to all 8 register before checking any.
1. Write MDIOACC0 with MDIO_DATA = the address of register
ABC and TRDONE = 0x0.
2. Write MDIOACC1 with the write data for register ABC,
MDIO_OP = 0x1, and TRDONE = 0x0.
3. Write MDIOACC2 with MDIO_DATA = the address of register
DEF and TRDONE = 0x0.
4. Write MDIOACC3 with the write data for register DEF,
MDIO_OP = 0x1, and TRDONE = 0x0.
5. Write MDIOACC4 with MDIO_DATA = the address of register
GHJ and TRDONE = 0x0.
6. Write MDIOACC5 with the write data for register GHJ,
MDIO_OP = 0x1, and TRDONE = 0x0.
7. Write MDIOACC6 with MDIO_DATA = the address of Register
XYZ and TRDONE = 0x0.
8. Write MDIOACC7 with the write data for Register XYZ,
MDIO_OP = 0x1, and TRDONE = 0x0.
9. Host polls MDIOACC7. TRDONE = 0x1 to verify that all write
data operations are complete.
Example burst read starting from Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = the address of the Regis-
ter XYZ, MDIO_OP = 0x0(ADDR), and TRDONE = 0x0
2. Write MDIOACC1 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
3. Write MDIOACC2 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
4. Write MDIOACC3 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
5. Write MDIOACC4 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
6. Write MDIOACC5 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
7. Write MDIOACC6 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
8. Write MDIOACC7 with MDIO_OP = 0x2(INC_RD) and
TRDONE = 0x0.
9. Poll MDIOACC7. TRDONE = 1 to verify that all read data
operations are complete.
10. Read MDIOACC1. MDIO_DATA, reflects the content of Register
XYZ.
11. Read MDIOACC2. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 1.
12. Read MDIOACC3. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 2.
13. Read MDIOACC4. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 3.
14. Read MDIOACC5. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 4.
15. Read MDIOACC6. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 5.
16. Read MDIOACC7. MDIO_DATA, reflects the content of register
at address XYZ. ADDR + 6.
Example of Clause 22 write of Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = write data,
MDIO_DEV_AD = the address of the Register XYZ,
MDIO_PRTAD = 0x1, MDIO_OP = 0x1(WR), MDIO_ST =
0x1(Clause 22), and TRDONE = 0x0.
2. Poll MDIOACC0. TRDONE= 0x1 to determine that the write
data operation is complete.
Example of Clause 22 read of Register XYZ:
1. Write MDIOACC0 with MDIO_DEV_AD = the address of the
Register XYZ, MDIO_PRTAD = 0x1, MDIO_OP = 0x3(RD),
MDIO_ST = 0x1(Clause 22), and TRDONE = 0x0.
2. Poll MDIOACC0. TRDONE = 0x1 to determine that the read
operation is complete. MDIO_DATA reflects the contents of
MDIO Register XYZ.
Example of Clause 22 write and read back of Register XYZ:
1. Write MDIOACC0 with MDIO_DATA = write data,
MDIO_DEV_AD = the address of the Register XYZ,
MDIO_PRTAD = 0x1, MDIO_OP = 0x1(WR), MDIO_ST =
0x1(Clause 22), and TRDONE = 0x0.
2. Write MDIOACC1 with MDIO_DEV_AD = the address of the
Register XYZ, MDIO_PRTAD = 0x1, MDIO_OP = 0x3(RD),
MDIO_ST = 0x1(Clause 22), and TRDONE = 0x0.
3. Poll MDIOACC1. TRDONE = 0x1 to determine that the read
operation is complete. MDIO_DATA reflects the contents of
MDIO Register XYZ.
MDIO PHY Address Determination
The MDIO PHY address for the ADIN1110 PHY is 0x1.
PHY Registers Contents
The PHY registers provide access to control and status information
in the management registers.
The registers of the PHY Clause 45 register map are made up of
four device address groupings (see Table 33) based on the MDIO
manageable device (MMD). Within each device address space,
IEEE standard registers are located in register addresses between
0x0000 and 0x7FFF, and vendor specific registers are located in
register addresses from 0x8000 to 0xFFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More