Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADE9153AACPZ Fiches technique(PDF) 20 Page - Analog Devices

No de pièce ADE9153AACPZ
Description  Energy Metering IC with Autocalibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADE9153AACPZ Fiches technique(HTML) 20 Page - Analog Devices

Back Button ADE9153AACPZ Datasheet HTML 16Page - Analog Devices ADE9153AACPZ Datasheet HTML 17Page - Analog Devices ADE9153AACPZ Datasheet HTML 18Page - Analog Devices ADE9153AACPZ Datasheet HTML 19Page - Analog Devices ADE9153AACPZ Datasheet HTML 20Page - Analog Devices ADE9153AACPZ Datasheet HTML 21Page - Analog Devices ADE9153AACPZ Datasheet HTML 22Page - Analog Devices ADE9153AACPZ Datasheet HTML 23Page - Analog Devices ADE9153AACPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
ADE9153A
Data Sheet
Rev. 0 | Page 20 of 50
Absolute Accuracy
Absolute accuracy takes into account the accuracy of the mSure
reference. The speed of convergence to reach this accuracy depends
on the time of an mSure autocalibration run. The longer the time of
an mSure autocalibration run, the greater the accuracy.
Certainty of Estimation
The certainty of the mSure estimation, which is also referred
to as simply certainty (CERT), is a metric of the precision of the
mSure measurement. This certainty is displayed as a percentage;
the lower the value, the more confidence there is in the estimation
value.
Conversion Constant
In this data sheet, the conversion constant (CC) is the value
that mSure returns when estimating the transfer function of the
sensor and front end. This value is in units of A/code or V/code,
depending on which channel the estimation occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50