| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE9153AACPZ Fiches technique(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE9153AACPZ Fiches technique(HTML) 31 Page - Analog Devices |
|
31 / 50 page ![]() Data Sheet ADE9153A Rev. 0 | Page 31 of 50 COMMUNICATION VERIFICATION REGISTERS The ADE9153A includes three register that allow SPI operation verification. The LAST_CMD (Address 0x4AE), LAST_DATA_16 (Address 0x4AC), and LAST_DATA_32 (Address 0x423) registers record the received CMD_HDR and the last read or transmitted data. CRC OF CONFIGURATION REGISTERS The configuration register CRC feature in the ADE9153A monitors certain user and private register values. The results are stored in the CRC_RSLT register. When enabled, the ADE9153A generates an interrupt on IRQ if any of the monitored registers change the value of the CRC_RSLT register. CONFIGURATION LOCK The configuration lock feature prevents changes to the ADE9153A configuration. To enable this feature, write 0x3C64 to the WR_LOCK register. To disable the feature, write 0x4AD1. To determine whether this feature is active, read the WR_LOCK register, which reads as 1 if the protection is enabled and 0 if it is disabled. When this feature is enabled, it prevents writing to addresses from Address 0x000 to Address 0x073 and Address 0x400 to Address 0x4FE. |