| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29DL162DT70VRF Fiches technique(PDF) 16 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL162DT70VRF Fiches technique(HTML) 16 Page - Advanced Micro Devices |
|
16 / 57 page ![]() 16 Am29DL16xD May 26, 2004 Table 5. Sector Addresses for Bottom Boot Sector Devices Note: The address range is A19:A-1 in byte mode (BYTE#=V IL) or A19:A0 in word mode (BYTE#=VIH). The bank address bits are A19–A15 for Am29DL161DB, A19–A17 for Am29DL162DB, A19 and A18 for Am29DL163DB , and A19 for Am29DL164DB. Table 6. SecSi ™ Addresses for Bottom Boot Devices Sector Sector Address A19–A12 Sector Size (Kbytes/Kwords) (x8) Address Range (x16) Address Range SA0 00000000 8/4 000000h-001FFFh 00000h-00FFFh SA1 00000001 8/4 002000h-003FFFh 01000h-01FFFh SA2 00000010 8/4 004000h-005FFFh 02000h-02FFFh SA3 00000011 8/4 006000h-007FFFh 03000h-03FFFh SA4 00000100 8/4 008000h-009FFFh 04000h-04FFFh SA5 00000101 8/4 00A000h-00BFFFh 05000h-05FFFh SA6 00000110 8/4 00C000h-00DFFFh 06000h-06FFFh SA7 00000111 8/4 00E000h-00FFFFh 07000h-07FFFh SA8 00001XXX 64/32 010000h-01FFFFh 08000h-0FFFFh SA9 00010XXX 64/32 020000h-02FFFFh 10000h-17FFFh SA10 00011XXX 64/32 030000h-03FFFFh 18000h-1FFFFh SA11 00100XXX 64/32 040000h-04FFFFh 20000h-27FFFh SA12 00101XXX 64/32 050000h-05FFFFh 28000h-2FFFFh SA13 00110XXX 64/32 060000h-06FFFFh 30000h-37FFFh SA14 00111XXX 64/32 070000h-07FFFFh 38000h-3FFFFh SA15 01000XXX 64/32 080000h-08FFFFh 40000h-47FFFh SA16 01001XXX 64/32 090000h-09FFFFh 48000h-4FFFFh SA17 01010XXX 64/32 0A0000h-0AFFFFh 50000h-57FFFh SA18 01011XXX 64/32 0B0000h-0BFFFFh 58000h-5FFFFh SA19 01100XXX 64/32 0C0000h-0CFFFFh 60000h-67FFFh SA20 01101XXX 64/32 0D0000h-0DFFFFh 68000h-6FFFFh SA21 01110XXX 64/32 0E0000h-0EFFFFh 70000h-77FFFh SA22 01111XXX 64/32 0F0000h-0FFFFFh 78000h-7FFFFh SA23 10000XXX 64/32 100000h-10FFFFh 80000h-87FFFh SA24 10001XXX 64/32 110000h-11FFFFh 88000h-8FFFFh SA25 10010XXX 64/32 120000h-12FFFFh 90000h-97FFFh SA26 10011XXX 64/32 130000h-13FFFFh 98000h-9FFFFh SA27 10100XXX 64/32 140000h-14FFFFh A0000h-A7FFFh SA28 10101XXX 64/32 150000h-15FFFFh A8000h-AFFFFh SA29 10110XXX 64/32 160000h-16FFFFh B0000h-B7FFFh SA30 10111XXX 64/32 170000h-17FFFFh B8000h-BFFFFh SA31 11000XXX 64/32 180000h-18FFFFh C0000h-C7FFFh SA32 11001XXX 64/32 190000h-19FFFFh C8000h-CFFFFh SA33 11010XXX 64/32 1A0000h-1AFFFFh D0000h-D7FFFh SA34 11011XXX 64/32 1B0000h-1BFFFFh D8000h-DFFFFh SA35 11100XXX 64/32 1C0000h-1CFFFFh E0000h-E7FFFh SA36 11101XXX 64/32 1D0000h-1DFFFFh E8000h-EFFFFh SA37 11110XXX 64/32 1E0000h-1EFFFFh F0000h-F7FFFh SA38 11111XXX 64/32 1F0000h-1FFFFFh F8000h-FFFFFh Device Sector Address A19–A12 Sector Size (x8) Address Range (x16) Address Range Am29DL16xDB 00000XXX 64/32 000000h-00FFFFh 00000h-07FFFh |