| Moteur de recherche de fiches techniques de composants électroniques |
|
AM29DL162DT70VRF Fiches technique(PDF) 15 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL162DT70VRF Fiches technique(HTML) 15 Page - Advanced Micro Devices |
|
15 / 57 page ![]() May 26, 2004 Am29DL16xD 15 Table 3. Sector Addresses for Top Boot Sector Devices Note: The address range is A19:A-1 in byte mode (BYTE#=V IL) or A19:A0 in word mode (BYTE#=VIH). The bank address bits are A19–A15 for Am29DL161DT, A19–A17 for Am29DL162DT, A19 and A18 for Am29DL163DT , and A19 for Am29DL164DT. Table 4. SecSi ™ Sector Addresses for Top Boot Devices Sector Sector Address A19–A12 Sector Size (Kbytes/Kwords) (x8) Address Range (x16) Address Range SA0 00000xxx 64/32 000000h-00FFFFh 00000h–07FFFh SA1 00001xxx 64/32 010000h-01FFFFh 08000h–0FFFFh SA2 00010xxx 64/32 020000h-02FFFFh 10000h–17FFFh SA3 00011xxx 64/32 030000h-03FFFFh 18000h–1FFFFh SA4 00100xxx 64/32 040000h-04FFFFh 20000h–27FFFh SA5 00101xxx 64/32 050000h-05FFFFh 28000h–2FFFFh SA6 00110xxx 64/32 060000h-06FFFFh 30000h–37FFFh SA7 00111xxx 64/32 070000h-07FFFFh 38000h–3FFFFh SA8 01000xxx 64/32 080000h-08FFFFh 40000h–47FFFh SA9 01001xxx 64/32 090000h-09FFFFh 48000h–4FFFFh SA10 01010xxx 64/32 0A0000h-0AFFFFh 50000h–57FFFh SA11 01011xxx 64/32 0B0000h-0BFFFFh 58000h–5FFFFh SA12 01100xxx 64/32 0C0000h-0CFFFFh 60000h–67FFFh SA13 01101xxx 64/32 0D0000h-0DFFFFh 68000h–6FFFFh SA14 01110xxx 64/32 0E0000h-0EFFFFh 70000h–77FFFh SA15 01111xxx 64/32 0F0000h-0FFFFFh 78000h–7FFFFh SA16 10000xxx 64/32 100000h-10FFFFh 80000h–87FFFh SA17 10001xxx 64/32 110000h-11FFFFh 88000h–8FFFFh SA18 10010xxx 64/32 120000h-12FFFFh 90000h–97FFFh SA19 10011xxx 64/32 130000h-13FFFFh 98000h–9FFFFh SA20 10100xxx 64/32 140000h-14FFFFh A0000h–A7FFFh SA21 10101xxx 64/32 150000h-15FFFFh A8000h–AFFFFh SA22 10110xxx 64/32 160000h-16FFFFh B0000h–B7FFFh SA23 10111xxx 64/32 170000h-17FFFFh B8000h–BFFFFh SA24 11000xxx 64/32 180000h-18FFFFh C0000h–C7FFFh SA25 11001xxx 64/32 190000h-19FFFFh C8000h–CFFFFh SA26 11010xxx 64/32 1A0000h-1AFFFFh D0000h–D7FFFh SA27 11011xxx 64/32 1B0000h-1BFFFFh D8000h–DFFFFh SA28 11100xxx 64/32 1C0000h-1CFFFFh E0000h–E7FFFh SA29 11101xxx 64/32 1D0000h-1DFFFFh E8000h–EFFFFh SA30 11110xxx 64/32 1E0000h-1EFFFFh F0000h–F7FFFh SA31 11111000 8/4 1F0000h-1F1FFFh F8000h–F8FFFh SA32 11111001 8/4 1F2000h-1F3FFFh F9000h–F9FFFh SA33 11111010 8/4 1F4000h-1F5FFFh FA000h–FAFFFh SA34 11111011 8/4 1F6000h-1F7FFFh FB000h–FBFFFh SA35 11111100 8/4 1F8000h-1F9FFFh FC000h–FCFFFh SA36 11111101 8/4 1FA000h-1FBFFFh FD000h–FDFFFh SA37 11111110 8/4 1FC000h-1FDFFFh FE000h–FEFFFh SA38 11111111 8/4 1FE000h-1FFFFFh FF000h–FFFFFh Device Sector Address A19–A12 Sector Size (x8) Address Range (x16) Address Range Am29DL16xDT 11111xxx 64/32 1F0000h-1FFFFFh F8000h–FFFFFh |